Part Number Hot Search : 
RT1P136U DECODER GS150404 IRFU014 VA4ASG 66BGC ALZ12B48 MAX14801
Product Description
Full Text Search
 

To Download BZW04P7V8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  plastic package has underwriters laboratory flammability classification 94v-0 glass passivated junction 400w peak pulse power capability with a 10/1000 s waveform , repetition rate (duty cycle): 0.01% excellent clamping capability fas t res pons e tim e: typically les s than 1.0ps from 0 volts to v (br) for uni-directional and 5.0ns for bi-directional types devices with v (br) 10v i d are typically i d les s than 1.0 a high temperature soldering guaranteed:265 / 10 seconds, 0.375"(9.5mm) lead le ng t h, 5lbs. (2 .3 kg) tension case:jedec do--41, molded plastic body over pas s ivated junction te rminals: axia l leads, so ld erable per mil-std-75 0, m ethod 2026 polarity: fo runi-directional typ es the co l or band denotes the cathode, which is pos titive with res pect to the anode under normal tvs operation weight: 0.012 ounces, 0.34 grams mounting position: any devices for bidirectional applications for bi-directional use add suffix letter "b" (e.g. bzw04p-6v4b). electrical characteristics apply in both directions. unit value symbol maximum ratings and characteristics ratings at 25 ambient temperature unless otherwise specified. breakdown voltage: 5.8 --- 376 v peak pulse power: 400 w do-41 peak p ow er dissipation w it h a 10 /1000s waveform (note 1, fig.1) p ppm minimum 400 w peak pu lse cu rrent w it h a 10/1000s waveform (note 1) i ppm see table 1 a a v v f peak fo rw ard su rge cu rrent, 8.3ms single half ffff sine-wave superimposed on rated load (jedec method) (note 3) steady state p ow er dissipation at t l =75 fffff lead lengths 0.375"(9.5mm) (note 2) p m(av) 1.0 w ( 4 ) v f =3.5 volt max. for devices of v ( br ) 220v, and v f =5.0 volt max. for devices of v ( br ) >220v operating junction and storage temperature range t j , t stg -50---+175 ( 3 ) measured of 8.3ms sin g le half sine-w ave or e q uare w ave, dut y c y cle=4 p ulses p er minute maximum ( 2 ) mounted on co pp er p ad area of 1.6" x 1.6" ( 40 x40mm 2 ) p er fi g . 5 notes: ( 1 ) non-re p etitive current p ules, p er fi g . 3 and derated above t a =25 p er fi g . 2 maximum instantaneous forw ard voltage at 25a for unidirectional only (note 4) i fsm 40.0 3.5/6.5 dimensions in millimeters bzw04p -5v8- -bzw04-376 transient voltage suppressor features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
unidirectional bidirectional min max bzw04p5v 8 bzw04p5v 8b 6.45 7.48 10 bzw04-5v8 bzw04-5v8b 6.45 7.14 10 bzw04p6v 4 bzw04p6v 4b 7.13 8.25 10 bzw04-6v4 bzw04-6v4b 7.13 7.88 10 bzw04p7v 0 bzw04p7v 0b 7.79 9.02 10 bzw04-7v0 bzw04-7v0b 7.79 8.61 10 bzw04p7v 8 bzw04p7v 8b 8.65 10.0 1.0 bzw04-7v8 bzw04-7v8b 8.65 9.55 1.0 bzw04p8v 5 bzw04p8v 5b 9.50 11.0 1.0 bzw04-8v5 bzw04-8v5b 9.50 10.5 1.0 bzw04p9v 4 bzw04p9v 4b 10.5 12.1 1.0 bzw04-9v4 bzw04-9v4b 10.5 11.6 1.0 bzw04p10 bzw04p10b 11.4 13.2 1.0 bzw04-10 bzw04-10b 11.4 12.6 1.0 bzw04p11 bzw04p11b 12.4 14.3 1.0 bzw04-11 bzw04-11b 12.4 13.7 1.0 bzw04p13 bzw04p13b 14.3 16.5 1.0 bzw04-13 bzw04-13b 14.3 15.8 1.0 bzw04p14 bzw04p14b 15.2 17.6 1.0 bzw04-14 bzw04-14b 15.2 16.8 1.0 bzw04p15 bzw04p15b 17.1 19.8 1.0 bzw04-15 bzw04-15b 17.1 18.9 1.0 bzw04p17 bzw04p17b 19.0 22.0 1.0 bzw04-17 bzw04-17b 19.0 21.0 1.0 bzw04p19 bzw04p19b 20.9 24.2 1.0 bzw04-19 bzw04-19b 20.9 23.1 1.0 bzw04p20 bzw04p20b 22.8 26.4 1.0 bzw04-20 bzw04-20b 22.8 25.2 1.0 bzw04p23 bzw04p23b 25.7 29.7 1.0 bzw04-23 bzw04-23b 25.7 28.4 1.0 bzw04p26 bzw04p26b 28.5 33.0 1.0 bzw04-26 bzw04-26b 28.5 31.5 1.0 bzw04p28 bzw04p28b 31.4 36.3 1.0 bzw04-28 bzw04-28b 31.4 34.7 1.0 bzw04p31 bzw04p31b 34.2 39.6 1.0 bzw04-31 bzw04-31b 34.2 37.8 1.0 bzw04p33 bzw04p33b 37.1 42.9 1.0 bzw04-33 bzw04-33b 37.1 41.0 1.0 bzw04p37 bzw04p37b 40.9 47.3 1.0 bzw04-37 bzw04-37b 40.9 45.2 1.0 bzw04p40 bzw04p40b 44.7 51.7 1.0 bzw04-40 bzw04-40b 44.7 49.4 1.0 bzw04p44 bzw04p44b 48.5 56.1 1.0 bzw04-44 bzw04-44b 48.5 53.6 1.0 bzw04p48 bzw04p48b 53.2 61.6 1.0 bzw04-48 bzw04-48b 53.2 58.8 1.0 electrical characteristics at(t a =25 unless otherwise noted) 7.4 53.9 0.100 23.1 17.1 17.1 15.3 18.8 23.1 20.5 20.5 8.55 0.068 0.073 10.2 0.075 0.075 0.075 0.078 14.5 5.0 0.057 0.057 0.061 0.070 0.061 0.065 0.065 0.096 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 37.5 27.7 27.7 10.7 14.5 13.0 30.6 37.5 0.097 41.5 0.097 28.2 1.0 8.8 45.7 0.098 33.0 15.6 15.6 16.7 30.0 30.0 27.6 27.6 24.0 13.4 38.0 35.4 35.4 33.0 200 14.5 1000 500 500 200 1.0 16.0 19.0 25.7 5.0 5.0 50 50 10 10 9.40 5.80 6.40 6.40 7.02 7.02 9.40 7.78 7.78 8.55 10.5 11.3 11.3 12.1 10.5 5.80 1000 38.0 13.4 14.5 25.6 1.0 1.0 1.0 1.0 9.6 25.7 10.7 12.1 18.8 1.0 13.0 30.6 11.1 10.2 16.7 12.8 5.0 0.078 5.0 22.0 18.2 0.081 5.0 24.0 33.2 1.0 25.2 19.0 21.2 0.084 0.084 0.086 22.0 18.2 0.081 12.8 5.0 9.6 41.5 15.3 1.0 16.0 25.2 13.6 1.0 0.088 13.6 1.0 0.098 17.8 22.5 0.086 1.0 12.0 33.2 0.099 28.2 1.0 8.8 45.7 30.8 1.0 8.0 49.9 stand-off voltage v wm (v) 0.099 33.3 1.0 7.4 53.9 0.100 30.8 1.0 8.0 max imum temperature coefficient of v (br) (%/ ) breakdow n voltage v (br) (v) (note1) tes t current at i t (ma) 33.3 1.0 25.6 1.0 11.1 5.0 1.0 59.3 max imum reverse leakge at vwm i d (note3)( a ) max imum peak pulse i ppm (note2) (a) max imum clamping voltage at i ppm v c (v) 49.9 17.8 22.5 21.2 1.0 12.0 64.8 0.101 36.8 1.0 6.7 59.3 0.101 36.8 1.0 6.7 70.1 0.101 40.2 1.0 6.2 64.8 0.101 40.2 1.0 6.2 77.0 0.102 43.6 1.0 5.7 70.1 0.102 43.6 1.0 5.7 device type 0.103 47.8 1.0 5.2 77.0 0.103 47.8 1.0 5.2 bzw04p -5v8- -bzw04-376 transient voltage suppressor
unidirectional bidirectional min max bzw04p53 bzw04p53b 58.9 68.2 1.0 bzw04-53 bzw04-53b 58.9 65.1 1.0 bzw04p58 bzw04p58b 64.6 74.8 1.0 bzw04-58 bzw04-58b 64.6 71.4 1.0 bzw04p64 bzw04p64b 71.3 82.5 1.0 bzw04-64 bzw04-64b 71.3 78.8 1.0 bzw04p70 bzw04p70b 77.9 90.2 1.0 bzw04-70 bzw04-70b 77.9 86.1 1.0 bzw04p78 bzw04p78b 86.5 100 1.0 bzw04-78 bzw04-78b 86.5 95.5 1.0 bzw04p85 bzw04p85b 95.0 110 1.0 bzw04-85 bzw04-85b 95.0 105 1.0 bzw04p94 bzw04p94b 105.0 121 1.0 bzw04-94 bzw04-94b 105 116 1.0 bzw04p102 bzw04p102b 114 132 1.0 bzw04-102 bzw04-102b 114 126 1.0 bzw04p110 bzw04p110b 124 143 1.0 bzw04-110 bzw04-110b 124 137 1.0 bzw04p128 bzw04p128b 143 165 1.0 bzw04-128 bzw04-128b 143 158 1.0 bzw04p136 bzw04p136b 152 176 1.0 bzw04-136 bzw04-136b 152 168 1.0 bzw04p145 bzw04p145b 161 187 1.0 bzw04-145 bzw04-145b 161 179 1.0 bzw04p154 bzw04p154b 171 198 1.0 bzw04-154 bzw04-154b 171 189 1.0 bzw04p171 bzw04p171b 190 220 1.0 bzw04-171 bzw04-171b 190 210 1.0 bzw04p188 bzw04p188b 209 242 1.0 bzw04-188 bzw04-188b 209 231 1.0 bzw04p213 bzw04p213b 237 275 1.0 bzw04-213 bzw04-213b 237 263 1.0 bzw04p239 bzw04p239b 266 308 1.0 bzw04-239 bzw04-239b 266 294 1.0 bzw04p256 bzw04p256b 285 330 1.0 bzw04-256 bzw04-256b 285 315 1.0 bzw04p273 bzw04p273b 304 352 1.0 bzw04-273 bzw04-273b 304 336 1.0 bzw04p299 bzw04p299b 332 385 1.0 bzw04-299 bzw04-299b 332 368 1.0 bzw04p342 bzw04p342b 380 440 1.0 bzw04-342 bzw04-342b 380 420 1.0 bzw04p376 bzw04p376b 418 484 1.0 bzw04-376 bzw04-376b 418 462 1.0 0.110 376 1.0 0.80 603 0.110 376 1.0 0.80 603 max imum reverse leakge at vwm i d (note3)( a ) max imum peak pulse i ppm(note2) (a) max imum clamping voltage at i ppm v c (v) max imum temperature coefficient of v (br) (%/ ) breakdow n voltage v (br) (v) (note1) tes t current at i t (ma) 273 1.0 213 1.0 102 1.0 1.0 stand-off voltage v wm (v) 0.110 273 1.0 1.20 438 0.110 256 1.0 1.20 414 0.110 239 1.0 1.5 384 256 1.0 1.20 414 0.108 128 1.0 0.110 2.0 207 0.108 1.0 1.5 274 111 1.0 1.5 344 136 1.0 1.8 219 128 1.0 207 179 0.107 0.107 0.108 165 0.107 1.0 1.5 274 1.0 219 2.2 179 2.0 111 1.0 0.107 1.0 2.4 165 0.107 1.0 2.6 2.4 2.9 1.4 103 154 1.0 1.6 246 102.0 94.0 152 1.0 1.0 1.0 1.5 85.0 53.0 1.0 4.7 85.0 92.0 92.0 103 85.5 53.0 58.1 58.1 64.1 64.1 85.5 70.1 70.1 78.0 1.0 1.0 1.0 1.0 1.0 1.8 2.2 2.9 1.0 1.0 1.0 1.0 1.0 1.0 4.3 4.3 3.9 1.0 137 152 3.5 3.5 3.2 3.2 2.6 113 113 125 0.110 344 0.110 239 1.0 1.5 384 0.110 213 1.0 301 234 234 1.4 1.7 1.6 246 301 1.7 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.104 0.104 0.104 0.105 0.104 0.105 0.105 0.105 0.105 94.0 0.105 0.106 0.106 0.107 125 1.0 137 electrical characteristics at(ta=25 unless otherwise no ted) 1.20 438 0.110 188 145 145 136 154 note: (1) pulse test: tp 50ms. (2) surge current w aveform per fig. 3 and derated fig. 2 (3) for bidirectional types having v wm of 10 volts and less, the id limit is doubled (4) all terms and symbols are consistent w ith ansi/ieee c62.35 device type 299 1.0 0.90 188 171 171 78.0 3.9 4.7 482 0.110 299 1.0 0.90 482 0.110 0.110 342 1.0 0.90 548 0.110 342 1.0 0.90 548 bzw04p -5v8- -bzw04-376 transient voltage suppressor
10 0.1 1 0.01 0 100 500 t a =25 ?? 100 200 300 400 measured atdevices stand-off voltage, vwm 100.000 1000 10.000 10 1.0 10 100 measured at stand-off voltage, v wm 200 tj=25 f=1.0mh z vsig=50mvp-p measured at zerobias 150 50 100 0 01 . 02 . 0 tr=10|  sec 3.0 4.0 peak value i ppm half value - i ppm 2 pules width (td) is definde as the point where the peak current decays to 50% of i ppm 10/1000 |  s ec. waveform as definde by r.e.a. td p ppm , peak pulse power, k w pm(av), strady state powe r fig.7 -- typical reverse leakage jjjjjjjjjjjjjjjjjj characteri sti cs fi g. 6 -- maxi mun non-repeti ti ve forward hhhh h surge current unidirectional only c j , junction capacitance, pf fig.5 -- steady state power derating curv e t, time , ms leakage current, ma v (br) , breakdown voltage, v number of cycles at 60 hz dissipation, w v (br) , breakdown voltage, v i fsm , peak forward surge current, a t o l , pul se width, sec. i d , instantaneous reverse fig.3 -- pulse waveform fi g. 4 -- typi cal juncti on capaci tance h hhhhhhhh h uni di recti onal peak pulse power (p pp ) or current ta , a mbient tempera ture. fig.1 -- peak pulse power rating curve t l , lea d tempera ture, fi g. 2 -- pulse derati ng curve i ppm , peak pulse current, % (i ppm ) derating in percentage, % 100 1.0 10 0.1 0.1 | s1 . 0 | s1 0 | s 100 | s 0.1ms 10ms non-repetitive pulse waveform shown if fig.3 t a =25 100 75 25 50 0 025 75 50 125 100 150 200 175 1.00 0.75 0.25 0.50 0 025 75 50 200 100 125 150 175 l=0.375"(9.5mm) lead lengths 1.6 x 1.6 x .040" (40 x 40 x 1mm.) copper heat sinks 60 h z resistiveor inductive load 50 40 30 10 20 0 11 0 0 10 t j =t j max. 8.3ms single half sine-mave (jedec method) bzw04p -5v8- -bzw04-376 transient voltage suppressor ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BZW04P7V8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X